PART |
Description |
Maker |
BAL99LT1 ON0111 |
JT 22C 22#22D PIN WALL RECP SILICON, SIGNAL DIODE, TO-236AB CASE 318-08/ STYLE 18 SOT-23 (TO-236AB) CASE 318-08, STYLE 18 SOT-23 (TO-236AB) From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
BAS21LT1 |
CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
|
MOTOROLA[Motorola, Inc]
|
BCW33LT1 ON0177 |
CASE 318-08,STYLE6 SOT-23(TO-236AB) From old datasheet system
|
ON Semi
|
BCW68GLT1 BCW68OLT1 ON0179 |
General Purpose Transistor CASE 318-08,STYLE6 SOT-23(TO-236AB) From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola, Inc]
|
BC817-16LT1 BC817-40LT3 BC817-25LT2 ON0159 |
General Purpose Transistors(NPN Silicon) CASE 318-8, STYLE6 SOT-23(TO-236AB) From old datasheet system
|
ON Semiconductor
|
MBD110DWT1_D ON0400 |
CASE 419B-1, STYLE 6 SOT-363 From old datasheet system
|
ON Semi
|
BAT54WT1 ON0130 |
30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE From old datasheet system CASE 419?2, STYLE 2 SOT-23 (SC-0)
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N7000 |
CASE 29-04, STYLE 22 TO-92 (TO-226AA) 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 CASE 29-04/ STYLE 22 TO-92 (TO-226AA)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
MRF18060B MRF18060BLSR3 MRF18060BR3 MRF18060BSR3 |
HALL EFFFECT LATCH, SMD, SOT23W-3; Temp, op. min:-40(degree C); Temp, op. max:150(degree C); Pins, No. of:3; Case style:SOT-23W; Base number:3282; Bop, max:150G; Termination Type:SMD; Temperature, operating range:-40(degree C) to RoHS Compliant: Yes RF Power Field Effect Transistors
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
2N5208 |
CASE 29-04STYLE 2 TO-92(TO-226AA) CASE 29-04,STYLE 2 TO-92(TO-226AA)
|
Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
|